PART |
Description |
Maker |
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
OHI-631-870H OHI-631-870H-X-T |
Series 631 - High current, with lens
|
OSA Opto Light GmbH
|
NPSERIES260VIHSTSPD |
NP Series 260 V High Holding Current TSPD
|
ON Semiconductor
|
OHL-604870H-X-T OHL-604870F-X-T OHL-604870-X-T |
Series 604 - High current, PLCC2 size
|
OSA Opto Light GmbH
|
MIC29150 |
Series High-Current Low-Dropout Regulators
|
Micrel Semiconductor
|
F1218HR150V048T |
1218 Series High Current Surface Mount Fuses
|
List of Unclassifed Manufac...
|
CRF2512-JZ-R020ELF CRF1206-JX-R020ELF CRF0805-FX-R |
CRF Series - High Power Current Sense Chip Resistor
|
Bourns Electronic Solutions
|
OLS-176HSD-C-T OLS-176HSD-CD-T OLS-176HR-C-T OLS-1 |
Series 176 - 0805 low current High luminous intensity
|
OSA Opto Light GmbH
|
BAP70-03 |
High voltage, current controlled RF resistor forattenuators Very low series inductance.
|
TY Semiconductor Co., Ltd
|
PS2503L-1-E3-A PS2503L-2 PS2503L-2-A PS2503L-1-E3- |
LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
|
Duracell California Eastern Labs
|
BMB0603-PXA-XXX |
(BMB Series) High Current Surface Mount Multilayer Chip Beads
|
TT
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|